Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 179Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 180Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 181Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 182Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 183Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 184Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 976 page
background image
Normal Single Chip Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
105
Figure 9-3. MAC72x2 Memory Map Example
9.2
Normal Single Chip Mode
Normal Single Chip Mode is typically used to debug and develop application code, where a software
bootloader is not required. Booting is performed from the Flash main array, and all functionality is
available. In this mode, the following functionality is available:
•
Debug functionality (EICE, Nexus and the JTAG interface) is enabled
$0000 0000
$FFFF 0000
$0000 0020
NORMAL
SINGLE CHIP
EXPANDED
$2000 0000
External Interface
$0000 0000
$0004 FFFF
$0000 0000
$0000 001F
ARM Core Exception
Mappable
320K Bytes Flash
After reset the map is:
$0000 0000 - $0004 FFFF: 320K Flash
$4000 0000 - $4000 4FFF: 20K RAM
$FC00 0000 - $FC03 FFFF: Register Space
VECTORS
VECTORS
$2000 0000
$4000 0000
$6000 0000
$8000 0000
$A000 0000
$C000 0000
$E000 0000
$4000 0000
$4000 4FFF
20K Bytes RAM
Mirrored on
Mappable
$3FFF FFFF
32K Boundary
EEPROM
Table
$2000 0000
$0000 0000
$0000 001F
ARM Core Exception
Mappable
$2004 FFFF
$7C00 0000
$7C17 FFFF
1.5M Bytes Control
Table
Register space
External Interface
$2000 0000 - $3FFF FFFF: External Bus
$2000 0000 - $2004 FFFF: 320K Flash
$4000 0000 - $4000 4FFF: 20K RAM
$FC00 0000 - $FC03 FFFF: Register Space
$0000 0000 - $1FFF FFFF: External Bus
Normal Single Chip Mode
Normal Expanded Chip Mode
$4000 0000
$4000 4FFF
20K Bytes RAM
Mirrored on
32K Boundary
$0000 0000
$1FFF FFFF
Mappable
320K Bytes Flash
EEPROM
Flash, External Interface and RAM space can all be remapped in software on 512M byte boundaries
$00F0 0000 - $00F0 7FFF: 32K Shadow Block $20F0 0000 - $20F0 7FFF: 32K Shadow Block
$E000 0000
$FC10 FFFF
1.5M Bytes Control
Register space
after Reset. The ARM core exception table can not be remapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com