Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 181Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 182Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 183Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 184Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 976 page
background image
Normal Primary Bootloader Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
107
9.3
Normal Primary Bootloader Mode
Normal Primary Bootloader Mode is typically used to debug and develop application code, where a
software bootloader is required. Booting is performed from the Shadow Block, and all functionality,
except the External Bus, is available. In this mode, the following functionality is available:
•
Debug functionality (EICE, Nexus and the JTAG interface) is enabled
•
External Bus Interface is disabled
•
Flash main array access is enabled
•
Shadow Block access is enabled
•
Boot from the Shadow Block
Table 9-3 shows the device memory map of the system in both Normal and Secured Primary Bootloader
Mode after Reset. The memory map for this mode differs from the memory map in Normal Single Chip
Mode as follows:
•
The Shadow Block is mirrored to address $0000 0000. Note that the mirroring (rather than
relocating) of the Shadow Block means that it is available both at address $0000 0000 and at
address $20F0 0000.
•
The Flash Main Array is relocated to address $2000 0000
•
The External Bus Interface is not available
After Reset, the memory map may be re-mapped using the AAMR register in the MCM module. The
allowed combinations are shown in Table 9-4. The Peripheral Bus space is always fixed at $FC00 0000,
and is not re-mappable.
Table 9-3. Device Memory Map in Normal/Secured Primary Bootloader Mode (After Reset)1
1. This reset memory map equates to a reset value of $f0d0 0b80 in the AAMR register in the MCM module.
Address
Module
Size
(Bytes)
$0000 0000 - $0000 7FFF
Shadow Block2
2. The Shadow Block is available at both $0000 0000 and $20F0 0000.
32K
$0000 8000 - $1FFF FFFF
Reserved
~511M
$2000 0000 - $2007 FFFF
$2000 0000 - $2004 FFFF
Flash Main Array (MAC72x1)
Flash Main Array (MAC72x2)
512K
320K
$20F0 0000 - $20F0 7FFF
Shadow Block2
32K
$2008 0000 - $3FFF FFFF
Reserved
~511M
$4000 0000 - $4000 7FFF
$4000 0000 - $4000 4FFF
SRAM3 (MAC72x1)
SRAM3 (MAC72x2)
3. The SRAM is mirrored across the entire 512MByte address range on a 32K boundary. Therefore, the first
word in SRAM may be read from or written to using address $4000 0000 or address $4000 8000 or address
$4001 0000, etc.
32K
20K
$4000 8000 - $FBFF FFFF
Reserved
~3008M
$FC00 0000 - $FFFF FFFF
Peripheral Bus modules
64M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com