Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 180Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 181Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 182Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 183Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 184Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 976 page
background image
Normal Single Chip Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
106
Freescale Semiconductor
•
External Bus Interface is enabled
•
Flash main array access is enabled
•
Shadow Block access is enabled
•
Boot from the Flash main array
Table 9-1 shows the device memory map of the MAC72xx in Normal Single Chip Mode after Reset.
After Reset, the memory map may be re-mapped using the AAMR register in the MCM module. The
allowed combinations are shown in Table 9-2. The Peripheral Bus space is always fixed at $FC00 0000,
and is not re-mappable.
Table 9-1. Device Memory Map in Normal Single Chip Mode (After Reset)1
1. This reset memory map equates to a reset value of $f0d0 0b98 in the AAMR register in the MCM module.
Address
Module
Size
(Bytes)
$0000 0000 - $0007 FFFF
$0000 0000 - $0004 FFFF
Flash main array2 (MAC72x1)
Flash main array2 (MAC72x2)
2. The Exception Vector Table is located at $0000 0000 - $0000 001F in the Flash main array.
512K
320K
$00F0 0000 - $00F0 7FFF
Shadow Block
32K
$0008 0000 - $1FFF FFFF
Reserved
~511M
$2000 0000 - $3FFF FFFF
External Bus Interface
512M
$4000 0000 - $4000 7FFF
$4000 0000 - $4000 4FFF
SRAM3 (MAC72x1)
SRAM3 (MAC72x2)
3. The SRAM is mirrored across the entire 512MByte address range on a 32K boundary. Please refer to
Section 9.10, “SRAM Memory Map”.
32K
20K
$4000 8000 - $FBFF FFFF
Reserved
~3008M
$FC00 0000 - $FFFF FFFF
Peripheral Bus modules
64M
Table 9-2. Allowed Memory Maps in Normal Single Chip Mode
$0000 0000
$2000 0000
$4000 0000
AAMR Register
External Bus
Flash Main Array
SRAM
$f0d0 0b89
Unused
Flash Main Array
SRAM
$f0d0 0b80
SRAM
Flash Main Array
SRAM
$f0d0 0b8b
Flash Main Array
External Bus
SRAM
$f0d0 0b98
External Bus
External Bus
SRAM
$f0d0 0b99
Unused
External Bus
SRAM
$f0d0 0b90
SRAM
External Bus
SRAM
$f0d0 0b9b
Flash Main Array
Unused
SRAM
$f0d0 0b08
External Bus
Unused
SRAM
$f0d0 0b09
Unused
Unused
SRAM
$f0d0 0b00
SRAM
Unused
SRAM
$f0d0 0b0b
Flash Main Array
SRAM
SRAM
$f0d0 0bb8
External Bus
SRAM
SRAM
$f0d0 0bb9
Unused
SRAM
SRAM
$f0d0 0bb0
SRAM
SRAM
SRAM
$f0d0 0bbb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com