Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 190Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 191Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 193Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 976 page
background image
Accessing registers
MAC7200 Microcontroller Family Reference Manual, Rev. 2
112
Freescale Semiconductor
9.8
Accessing registers
All registers use bit 31 to represent the most significant bit (msb), and bit 0 to represent the least significant
bit (lsb). All memory-mapped registers may be accessed using properly aligned 8-bit, 16-bit or 32-bit
accesses, except where indicated. This means that all addresses may be accessed using 8-bit accesses, all
even addresses may be accessed using 16-bit accesses, and every fourth address may be accessed using
32-bit accesses. On the MAC7200 family, which are big-endian devices, this results in the following
register mapping:
9.8.1
32-bit Register Accesses
A read to the above register will result in the following values:
All other accesses (i.e., 16-bit READ from $0000 0001) are not allowed.
9.8.2
16-bit Register Accesses
A read to the above register will result in the following values:
All other accesses (i.e.-16-bit READ from $0000 0001) are not allowed.
31
0
$0000 0000
32-bit Register REG
8-bit READ from $0000 0000
returns REG[31:24]
8-bit READ from $0000 0001
returns REG[23:16]
8-bit READ from $0000 0002
returns REG[15:8]
8-bit READ from $0000 0003
returns REG[7:0]
16-bit READ from $0000 0000
returns REG[31:16]
16-bit READ from $0000 0002
returns REG[15:0]
32-bit READ from $0000 0000
returns REG[31:0]
15
0
$0000 0000
16-bit Register REG
8-bit READ from $0000 0000
returns REG[15:8]
8-bit READ from $0000 0001
returns REG[7:0]
16-bit READ from $0000 0000
returns REG[15:0]
32-bit READ from $0000 0000 returns
REG[15:0] + the next 16 bits in the memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com