Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 112 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 108Page - Texas Instruments XIO2001IPNP Datasheet HTML 109Page - Texas Instruments XIO2001IPNP Datasheet HTML 110Page - Texas Instruments XIO2001IPNP Datasheet HTML 111Page - Texas Instruments XIO2001IPNP Datasheet HTML 112Page - Texas Instruments XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 6-8. Serial IRQ Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
IRQ 0 asserted. This bit indicates that the IRQ0 has been asserted.
0(1)
IRQ0
RCU
0 = Deasserted
1 = Asserted
6.12 Pre-Fetch Agent Request Limits Register
This register is used to set the Pre-Fetch Agent's limits on retrieving data using upstream reads. This
register is an alias for the pre-fetch agent request limits register in the classic PCI configuration space
(offset E8h, see Section 4.75). See Table 6-9 for a complete description of the register contents.
Device control memory window
50h
register offset:
Register type:
Read/Clear
Default value:
0443h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
0
0
1
0
0
0
0
1
1
Table 6-9. Pre-Fetch Agent Request Limits Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
Request count limit. Determines the number of Pre-Fetch reads that takes place in each
burst.
PFA_REQ_
11:8(1)
RW
4'h0 = Auto-prefetch agent is disabled.
CNT_LIMIT
4'h1 = Thread is limited to one buffer. No auto-prefetch reads will be generated.
4'h2:F = Thread will be limited to initial read and (PFA_REQ_CNT_LIMIT – 1)
Completion cache mode. Determines the rules for completing the caching process.
00 = No caching.
•
Pre-fetching is disabled.
•
All remaining read completion data will be discarded after any of the data has been
returned to the PCI master.
01 = Light caching.
•
Pre-fetching is enabled.
•
All remaining read completion data will be discarded after data has been returned to
PFA_CPL_CACHE_
the PCI master and the PCI master terminated the transfer.
7:6
RW
MODE
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the bridge has terminated the transfer with RETRY.
10 = Full caching.
•
Pre-fetching is enabled.
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the PCI master terminated the transfer.
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the bridge has terminated the transfer with RETRY.
11 = Reserved.
5:4
RSVD
R
Reserved. Returns 00b when read.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
112
Memory-Mapped TI Proprietary Register Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com