Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 114 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 110Page - Texas Instruments XIO2001IPNP Datasheet HTML 111Page - Texas Instruments XIO2001IPNP Datasheet HTML 112Page - Texas Instruments XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 6-11. Cache Timer Lower Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
CACHE_TIMER
Minimum number of clock cycles that must have passed without a read hit on the
11:0(1)
RW
_LOWER_LIMIT
completion data buffer before the "cache miss limit" check can be triggered.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
6.15 Cache Timer Upper Limit Register
Discard cached data after this number of clock cycles have passed without a read hit on the completion
data buffer. See Table 6-12 for a complete description of the register contents.
Device control memory window
56h
register offset:
Register type:
Read/Clear
Default value:
01C0h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
Table 6-12. Cache Timer Upper Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
CACHE_TIMER
Discard cached data after this number of clock cycles have passed without a read hit on
11:0(1)
RW
_UPPER_LIMIT
the completion data buffer.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
114
Memory-Mapped TI Proprietary Register Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com