Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 121 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments XIO2001IPNP Datasheet HTML 124Page - Texas Instruments XIO2001IPNP Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
ZAJ Thermal Characteristics (1) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ
XIO2001ZGU
0
105
Virtual junction temperature
°C
XIO2001IZGU
–40
105
7.12
ZGU Thermal Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
qJA
Low-K JEDEC test board, 1s (single signal layer), no air
85
flow
Junction-to-free-air thermal
°C/W
resistance
High-K JEDEC test board, 2s2p (double signal layer,
48.3
double buried power plane), no air flow
qJC
Junction-to-case thermal resistance
Cu cold plate measurement process
8.5
°C/W
qJB
Junction-to-board thermal
EIA/JESD 51-8
25.4
°C/W
resistance
yJT
Junction-to-top of package
EIA/JESD 51-2
0.5
°C/W
yJB
Junction-to-board
EIA/JESD 51-6
24
°C/W
TA
XIO2001ZGU
0
70
Operating ambient temperature
°C
range
XIO2001IZGU
–40
85
TJ
XIO2001ZGU
0
105
Virtual junction temperature
°C
XIO2001IZGU
–40
105
(1)
For more details, refer to TI application note IC Package Thermal Metrics (SPRA953).
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Characteristics
121
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com