Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 123 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments XIO2001IPNP Datasheet HTML 124Page - Texas Instruments XIO2001IPNP Datasheet HTML 125Page - Texas Instruments XIO2001IPNP Datasheet HTML 126Page - Texas Instruments XIO2001IPNP Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
tw
tsu
CLK
PRST
1.5 V
tpd
tpd
Valid
1.5 V
ton
toff
Valid
tsu
th
CLK
PCI Output
PCI Input
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Figure 7-3. PRST Timing Waveforms
Figure 7-4. Shared Signals Timing Waveforms
8
Glossary
ACRONYM
DEFINTION
BIST
Built-in self test
ECRC
End-to-end cyclic redundancy code
EEPROM
Electrically erasable programmable read-only memory
GP
General purpose
GPIO
General-purpose input output
ID
Identification
IF
Interface
IO
Input output
I2C
Intelligent Interface Controller
LPM
Link power management
LSB
Least significant bit
MSB
Most significant bit
MSI
Message signaled interrupts
PCI
Peripheral component interface
PME
PCI power management event
RX
Receive
SCL
Serial-bus clock
SDA
Serial-bus data
TC
Traffic class
TLP
Transaction layer packet or protocol
TX
Transmit
Copyright © 2009–2010, Texas Instruments Incorporated
Glossary
123
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com