Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 2Page - STMicroelectronics STE12PS Datasheet HTML 3Page - STMicroelectronics STE12PS Datasheet HTML 4Page - STMicroelectronics STE12PS Datasheet HTML 5Page - STMicroelectronics STE12PS Datasheet HTML 6Page - STMicroelectronics STE12PS Datasheet HTML 7Page - STMicroelectronics STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics STE12PS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin description
STE12PS
6/44
Table 2.
Digital pins description
Pin name
I/O
Function
Reset
RESETN
I
Reset pin. Active LOW
Status flag interface
CH_SELn
O
Channel identification “n”, where n = 1,… 12. Indicates the channel whose
status flags (POK, …) are currently notified externally. CH_SEL is incremented
every 60 * MCLK clock cycles. The status flag notification is enabled via the
configuration register Global_cfg2, STATUS_FLAG_EN bit.
POK
O
Power OK flag. This flag indicates condition of the currently powered channel:
‘1’
→power ON and NO faults are present
‘0’
→power OFF or (power ON and faults present)
OVLD
O
Overload Alarm Flag for the currently powered channel. Current overload
condition (Icut is over threshold):
‘1’
→channel overload condition detected
‘0’
→NO overload
OVCUR
O
Short circuit Alarm Flag for the currently powered channel. Current limiting
condition:
‘1’
→Overcurrent or detection failed condition detected
‘0’
→ANY Short Circuit condition detected
AC_DC_DISCON
O
AC/DC Disconnection Alarm Flag for the currently powered channel:
‘1’
→AC/DC disconnection detected
‘0’
→ANY disconnection detected
DET_CLASS
O
Detection/Classification flag.
‘1’
→Detection or Classification procedure is running
‘0’
→Detection/Classification procedure is not running.
Por_N
O
‘1’
→VL, 10V and 3.3V supply Power ON succeeded
Thermal monitoring
T_MONITOR
x
O
Thermal monitoring (x = 0,1).
These bits encode the internal temperature’s threshold measured in the
following way:
“00”
→Temperature under 110° C
“01”
→Temperature between the 110° C to 130° C
“11”
→Temperature between the 130° C to 150° C
“10”
→Temperature is above 150° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com