Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 25 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 21Page - STMicroelectronics STE12PS Datasheet HTML 22Page - STMicroelectronics STE12PS Datasheet HTML 23Page - STMicroelectronics STE12PS Datasheet HTML 24Page - STMicroelectronics STE12PS Datasheet HTML 25Page - STMicroelectronics STE12PS Datasheet HTML 26Page - STMicroelectronics STE12PS Datasheet HTML 27Page - STMicroelectronics STE12PS Datasheet HTML 28Page - STMicroelectronics STE12PS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
25/44
3.9
Measurement and parameter codings
Table 7 below lists codifications for the various parameters such as detection conductance
or resistances, classification or monitoring currents, port voltages, port powers and power
budgets.
Table 7.
Measurement and parameter codings
Parameter
Description
Range
Step
Units
Number of steps
Idet
Detection current
0 to 1023
1
µA
1024
Gdet, Gdl, Gdh
Detection conductances
0 to 256
0.250
µS
1024
Rdet, Rdl, Rdh(1)
Detection residences
8 to 48.96
0.01
K
4096
Iclass
Current classification
0 to 70
0.065064
mA
1024
Imon
Channel current during
powering
0 to 1024
0.0312662
mA
32768
Vport
Battery voltage
0 to 70
0.27451
V
256
Pmeas
Channel power usage
0 to 35000
35.149
mW
1024
1.
Rdet, Rdl and Rdh are the alternative to Gdet, Gdl and Gdh which are the default. If Rdet measures more than 500 kohms,
the “open-circuit” flag is raised, that is set HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com