Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 23Page - STMicroelectronics STE12PS Datasheet HTML 24Page - STMicroelectronics STE12PS Datasheet HTML 25Page - STMicroelectronics STE12PS Datasheet HTML 26Page - STMicroelectronics STE12PS Datasheet HTML 27Page - STMicroelectronics STE12PS Datasheet HTML 28Page - STMicroelectronics STE12PS Datasheet HTML 29Page - STMicroelectronics STE12PS Datasheet HTML 30Page - STMicroelectronics STE12PS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
I2C slave protocol overview
27/44
5
I2C slave protocol overview
The interface is capable of recognizing its own address (7 bit).
Data and addresses are transferred as 8-bit bytes, MSB first. The first byte following the
start condition contains the device address.
A 9th clock pulse follows the 8 clock cycles of a byte transfer during which the receiver must
pull LOW the SDA line to acknowledge the transfer.
The speed of the I2C interface is fixed at Fast I2C, that is, 100 to 400 kHz.
5.1
Functional description
As soon as a start condition is detected, the address is received from the SDA line and sent
to a shift register; then it is compared with the internal address that is composed by the five
pins for the five LSB and by a hardwired value equal to “01” for the other two bits.
In case of address mismatch the interface ignores it and waits for another Start condition.
If address is matched the interface generates an acknowledge pulse.
Following the address reception, POE digital controller receives bytes from the SDA line into
the data register via an internal shift register or sends bytes from the data register to the
SDA line through the internal shift register. After each byte reception an acknowledge pulse
is generated by the controller.
A Stop condition generated by the host processor, after the last data byte is transferred,
closes the communication.
5.2
Error cases
An error state is generated when Stop or Start conditions are detected during a byte
transfer. If it is a Stop then the interface discards the data, releases the lines and waits for
another Start condition. If it is a Start then the interface discards the data and waits for the
next slave address on the bus.
5.3
Interrupts
Irq register bits indicate which signals can generate an interrupt. The register is read only
and to clear the interrupt bits the corresponding source event has to be cleared. The logic
OR condition of the interrupt bits causes the INTN pin assertion. The INTN assertion can be
masked via the interrupt mask register
Irq_mask.
5.4
I2C device address
The device is required to have an I²C address of: 01xxxxxb(A6 down to A0).
Pins I2C_ADDR[4:0] can be used to set the lower I2C address bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com