Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 31 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 27Page - STMicroelectronics STE12PS Datasheet HTML 28Page - STMicroelectronics STE12PS Datasheet HTML 29Page - STMicroelectronics STE12PS Datasheet HTML 30Page - STMicroelectronics STE12PS Datasheet HTML 31Page - STMicroelectronics STE12PS Datasheet HTML 32Page - STMicroelectronics STE12PS Datasheet HTML 33Page - STMicroelectronics STE12PS Datasheet HTML 34Page - STMicroelectronics STE12PS Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Electrical specifications and timings
31/44
6
Electrical specifications and timings
Table 8.
Absolute maximum ratings
Symbol
Parameter
Value
Units
VL, SMPSVL
Battery voltage
90
V
Vcc3,Vdd,Vdde
3.3V power supply
3.6
V
V10,Vdd10
10V power supply
12
V
Tj
Maximum junction temperature
150
° C
Table 9.
Operating range
Symbol
Parameter
Value
Units
Topt
Operating temperature range
-20 to +85
° C
VL, SMPSVL
Battery voltage
44 to 57
V
GNDs
Ground separation
-0.3
V
Vcc3, Vdd, Vdde
3.3V when externally supplied
3 to 3.6
V
V10, Vdd10
10V when externally supplied
9 to 11
V
IV10, IVdd10
10V current sink (when externally supplied)
6.7 typ.
mA
IVl
Battery current sink
(when 10V is externally supplied)
0.4 typ.
mA
IVl
Battery current sink
(when 10V is self generated)
7.4 typ.
mA
Iv3.3
3.3V current sink (AUTO mode)
20 typ.
mA
Table 10.
Thermal data
Symbol
Parameter
Value
Units
Rth j-amb
Thermal resistance junction-to-ambient (natural
convection)
25
°C/W
Table 11.
ESD
Symbol
Parameter
Value
Units
HBM
(Human Body Model)
All pins but pins Px_1-2 & Px_3
-2 to +2
kV
All pins but pins FSRPx_1-2 & Px_3 (x = 1 to 12)
Pins Px_1-2 & Px_3
-250 to +250
V
Pins FSRPx_1-2 & Px_3 (x = 1 to 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com