Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 16 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics STE12PS Datasheet HTML 16Page - STMicroelectronics STE12PS Datasheet HTML 17Page - STMicroelectronics STE12PS Datasheet HTML 18Page - STMicroelectronics STE12PS Datasheet HTML 19Page - STMicroelectronics STE12PS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
16/44
Monitor overload FSM
This FSM manages all operations related to monitoring an overload event.
All operations described below are related to channels currently powered.
●
STARTUP: the following operations are related to a startup procedure:
–
START: channel to be monitored is selected.
●
POWER MEASUREMENT: the following operations are related to a power
measurement procedure
–
SAMPLE Imeas: the current measurement is sampled and the next powered
channel is prepared for the next monitor procedure.
–
MEASURE Power: the power is measured and its value is compared against the
required Power class.
–
START MONITOR OVERLOAD: if the measured power exceeds the required
power class the Tovld timer and the averaging process are started.
–
COUNTER RESET: Tovld timer is reset if the measured power doesn’t exceed the
required
●
POWER REMOVAL: the following operations are related to a power removal
procedure:
–
COUNTER CHECK: all Tovld timers are checked, and those that have expired are
identified.
–
POWER REMOVAL: all the channels whose timers have expired and whose
average power exceeds the maximum are switched OFF through the
POWER_EN(n) pins.
–
ALARM SET: for all the channels whose timers have expired, a corresponding
alarm flag is raised in the Channel Event registers, and the related Ted timer is
started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com