Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 36 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 32Page - STMicroelectronics STE12PS Datasheet HTML 33Page - STMicroelectronics STE12PS Datasheet HTML 34Page - STMicroelectronics STE12PS Datasheet HTML 35Page - STMicroelectronics STE12PS Datasheet HTML 36Page - STMicroelectronics STE12PS Datasheet HTML 37Page - STMicroelectronics STE12PS Datasheet HTML 38Page - STMicroelectronics STE12PS Datasheet HTML 39Page - STMicroelectronics STE12PS Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball coordinates
STE12PS
36/44
Table 13.
Pad coordinates
Column
Row
Pin name
Column
Row
Pin name
1
A
CH_SEL0
2
P
NC
1
AA
P9_3
3
M
FSRp5_3
1
AB
SP9
3
N
ACS1
1
B
CH_SEL2
2
R
NC
1
C
vdd10
2
T
NC
1
D
SMPSGND
2
U
NC
1E
S/U
2
V
NC
1F
NC
2
W
NC
1
G
RSENSE
2
Y
NC
1H
Vdrive
2
AA
NC
1
J
SMPSVL
2
AB
NC
1K
VL
3A
OVLD
1
L
NC
3
B
AC_DC_DISCON
1
M
P5_1-2
3
C
V3_3
1N
P5_3
3D
ACin
1P
SP5
3E
RREF
1R
NC
3
F
FB
1
T
P1_1-2
3
G
SenseProgPin0
1
U
P1_3
3
H
SenseProgPin1
1
V
SP1
3
J
ACS5
1
W
NC
3
K
SSRp5
1
Y
P9_1-2
3
L
FSRp5_1-2
2
A
CH_SEL1
3
P
SSRp1
2
B
CH_SEL3
3
R
FSRp1_1-2
2
C
V10
3
T
FSRp1_3
2D
SFTstr
3U
ACS9
2E
NC
3V
SSRp9
2
F
NC
3
W
FSRp9_1-2
2
G
NC
3
Y
FSRp9_3
2H
NC
3
AA
NC
2
J
NC
3
AB
P6_1-2
2K
NC
4A
SCL
2
L
NC
4
B
DET_CLASS
2M
NC
4
C
POK
2N
NC
4D
ACout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com