Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 28 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 24Page - STMicroelectronics STE12PS Datasheet HTML 25Page - STMicroelectronics STE12PS Datasheet HTML 26Page - STMicroelectronics STE12PS Datasheet HTML 27Page - STMicroelectronics STE12PS Datasheet HTML 28Page - STMicroelectronics STE12PS Datasheet HTML 29Page - STMicroelectronics STE12PS Datasheet HTML 30Page - STMicroelectronics STE12PS Datasheet HTML 31Page - STMicroelectronics STE12PS Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
I2C slave protocol overview
STE12PS
28/44
5.5
Register addressing: write command format
I2C write command format is shown in
Figure 14.
Figure 14.
Write command
The formatting bits shown in
Figure 14 are defined as follows:
S - I2C start condition
P - I2C stop condition
ACK – acknowledge
NACK - not acknowledge
R/W - read/write
The device address is the value specified in I2C device address. The register address is an
eight-bit value that is written into an internal Index Register. Each time a byte of data is
written to, or read from the POE controller, the Index Register increments by one.
If the initial value written to the Index Register is K, then the byte immediately following the
Register Address byte is written to the register with an address of K. The next byte is written
to the register with the address of K+1, and so on.
An I2C write command can contain from 0 to 255 write data bytes. Write commands to an
unknown register location are ignored by the interface.
As shown in
Figure 14, bits are ordered with the most significant bit first.
S
6
54
32
1
0
Device address
W
7
.
Register address (K)
6543210
7
6
54
32
1
0
Write data
7
.
Write data (K + 1)
6543210
7
6
54
32
1
0
Write data (K + N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com