Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 6Page - STMicroelectronics STE12PS Datasheet HTML 7Page - STMicroelectronics STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics STE12PS Datasheet HTML 10Page - STMicroelectronics STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
10/44
classify the channel and afterwards to issue the power on command. The STE12PS
controller can also automatically disconnect a channel in fault condition (if not enabled,
the STE12PS will notify automatically only a short circuit condition or an AC
disconnection event. Overload or DC disconnection is responsibility of the host
controller.) The host controller can also power on a channel skipping detection and/or
classification procedures.
●
POWER DOWN: the controller is put in power down state. No actions are performed
until the power down mode is removed.
For all operating modes, except power-down and stand-by, the power ON/OFF condition of
each channel can also be managed, directly, by the host processor or controller via a
dedicated command.
Moreover, the power removal procedure is performed automatically (also in MANUAL mode)
when a fault event has been detected (AC/DC disconnection, overload or overcurrent); this
behavior can be changed configuring appropriately some dedicated enable/disable bits of
channels event registers.
With Priority Management in AUTO mode and Smart-power management enabled, it is also
possible to set different priorities for different channels. The STE12PS will probe channels
starting from those with the highest priority
. In case of a shortage of available power, it is
also possible to disable powering of newly detected, lower priority ports until the highest
detected ones are served.
3.2
Detection and classification
3.2.1
Detection
The STE12PS looks for, in turn on the free available ports (according to the priority list if
enabled
), for a valid PD signature (25k
Ω slope characteristic) by driving two different voltage
levels at the port
(4V and 8V), and calculating the slope resistance/ conductance by
monitoring the current difference
. The equivalent circuit for the IEEE802.3af detection phase
is shown in
Figure 3 below.
Figure 3.
IEEE802.3af detection circuit
As detection is performed by multiplexing a common voltage generator. If more than one
port is connected to several PDs, an extra delay in the detection start will be introduced. See
Table 12: Electrical characteristics, parameter Tdetd.
+
D2
P+
P-
Zsource
V
_
+
D2
P+
P-
Zsource
V
D1
D2
P+
P-
Zsource
V
_
PC00103
D1(one per port) is external.
D2 (one per port) external is required only if
the AC_Disconnection function is used,
otherwise it is internally emulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com