Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 18 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics STE12PS Datasheet HTML 16Page - STMicroelectronics STE12PS Datasheet HTML 17Page - STMicroelectronics STE12PS Datasheet HTML 18Page - STMicroelectronics STE12PS Datasheet HTML 19Page - STMicroelectronics STE12PS Datasheet HTML 20Page - STMicroelectronics STE12PS Datasheet HTML 21Page - STMicroelectronics STE12PS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
18/44
3.4
Internal 3.3V/10V generator
The STE12PS can be configured either as 3.3V and 10V generator or load by means of the
S/U control input. In this manner, the need for extra, low-voltage batteries is avoided, greatly
simplifying the system design. If S/U is left open, the device will operate as an SMPS
controller. With the SMPS configured at 3.3V, the device can be used to power up a “1Amp”
load with high efficiency voltage conversion.
Figure 6 on page 19 shows a typical DC-DC, buck converter configuration for the 3.3V
supply. The 10V supply is generated by means of an internal, linear regulator. The 3.3V
supply can source up to 1A.
In
Figure 7, use of a small transformer for the 10 V supply can save up to 0.3W for each
powered device. Both the 3.3V and 10V supplies can power others devices.
Figure 8 depicts a typical application with an external supply.
3.5
Logic interface
The STE12PS can operate autonomously - notifying, externally, ports status via dedicated
pins (Parallel Monitor Interface) - or it can be controlled as a slave device via the I2C
interface by a host processor. In the latter case, the host can perform system configurations,
monitor status conditions and assert alarm flags making it possible to drive, manually,
different operations for detection, classification and monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com