Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 29 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 25Page - STMicroelectronics STE12PS Datasheet HTML 26Page - STMicroelectronics STE12PS Datasheet HTML 27Page - STMicroelectronics STE12PS Datasheet HTML 28Page - STMicroelectronics STE12PS Datasheet HTML 29Page - STMicroelectronics STE12PS Datasheet HTML 30Page - STMicroelectronics STE12PS Datasheet HTML 31Page - STMicroelectronics STE12PS Datasheet HTML 32Page - STMicroelectronics STE12PS Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
I2C slave protocol overview
29/44
5.6
Register addressing: read command format
The general format of the read command is shown in
Figure 15.
First part of the general read command consists of writing an address to the Index Register
of the POE controller. If the Index Register already contains the address of the register to be
read, as the result of a previous read or write command, then it is not necessary to write that
address to the Index Register again.
After each byte is read from the POE controller, the Index Register is required to increment
by one.
A read command can contain from 0 to 255 bytes.
Figure 15.
Read command
S
6
54
32
1
0
Device address
W
7
.
Register address (K)
6543210
S
6
54
32
1
0
Device address
R
7
.
Read data (K)
6543210
7
6
54
32
1
0
Read data (K + 1)
7
Read data (K + 2)
6543210
7
6
54
32
1
0
Read data (K + N)
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com