Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics STE12PS Datasheet HTML 16Page - STMicroelectronics STE12PS Datasheet HTML 17Page - STMicroelectronics STE12PS Datasheet HTML 18Page - STMicroelectronics STE12PS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
15/44
Figure 5.
Power ON and monitoring
3.3.2
Short circuit, overload and overcurrent
A short circuit is defined when port current reaches 425 mA, typ. Moreover, if port voltage
drops below 25 V, then maximum loop current is decreased, linearly, to limit power
dissipation. A short condition is considered as a fault after a period of 65 ms, typ. (see
Table 12: Electrical characteristics, parameter Tshort).
When the above conditions are met, the port is disconnected, and the fault bit set HIGH in
the Channel Event registers.
Overload or excess power is defined when port power consumption reaches 15.4W for
longer than 65 ms, typ. (see
Table 12: Electrical characteristics, parameter Tovld).
If smart-power management is active, then the overload power limit is set instead -
according to the power class.
When the above conditions are met, the port is disconnected, and the fault bit is set HIGH.
12-bit A/D
converter
Digital
controller
D1
x12
D2 x12
STE12PS
VL
Px
FSRPx
Power On ctrl
Inrushcurrent
limiting
SSRPx
+
-
Power EN
Short Flag
RMONS
RMONF
HQGND
AC disconnect
detector
~
50Hz
5Vpp
AC_Discon flag
ACSx
SPx
300nF
x12
Power DMOS
x12
Rmon
( 500xRsense)
Rsensex12
(0.5, 1, 1.5, 2
)
+48V
12-bit A/D
converter
12-bit A/D
converter
Digital
controller
Digital
controller
D1
x12
D2 x12
STE12PS
VL
Px
FSRPx
Power On ctrl
Inrushcurrent
limiting
SSRPx
+
-
Power EN
Short Flag
RMONS
RMONF
HQGND
AC disconnect
detector
~
50Hz
5Vpp
AC_Discon flag
ACSx
SPx
300nF
x12
Power DMOS
x12
Rmon
( 500xRsense)
Rsensex12
(0.5, 1, 1.5, 2
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com