Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 18Page - STMicroelectronics STE12PS Datasheet HTML 19Page - STMicroelectronics STE12PS Datasheet HTML 20Page - STMicroelectronics STE12PS Datasheet HTML 21Page - STMicroelectronics STE12PS Datasheet HTML 22Page - STMicroelectronics STE12PS Datasheet HTML 23Page - STMicroelectronics STE12PS Datasheet HTML 24Page - STMicroelectronics STE12PS Datasheet HTML 25Page - STMicroelectronics STE12PS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
22/44
classification and powering. These measurements can be loaded into dedicated registers
via the I2C bus and are intended to be averaged over time in order to maximize PSSR and
noise rejection as well as minimize 50 to 60 Hz interference.
3.8
Power boost mode - 30W
3.8.1
Four channels in Auto mode
When this mode is activated, the device will run the classification extending the IEEE
classes with an extra PD_Class boost as detailed in
Table 4. If class boost is detected, an
equivalent double port (parallel of two channels) is switched-on allowing up to 30W of power
to be supplied. All the other IEEE classes behave as a standard port (powering on one
channel only).
Table 5 below describes channel parallelism:
Channels in boost mode behave as master or slave according to the above table.
Detection and classification are performed only on the master ports. If a class 0 to 4 PD is
detected, only MC is powered. Otherwise, if Boost Class is detected, both MC and the
related SC are powered. Once powered, any fault condition (short circuit, over current, over
power, PD disconnection) occurring either for MC or SC forces the reaction of both
channels. All status and measurement information are stored in registers pertaining to the
MC. Detection procedure is the same as the standard one while the classification phase is
performed with 3 classification impulses (total classification time 70ms).
3.8.2
Six channels in Manual mode
To activate this mode the device should be set with CH_NUMx ="00" and the Manual mode
must be selected. Under these conditions the output channels can be shorted together as
illustrated in
Figure 9 and according to the following table.
Table 5.
Power boost mode: master/slave channel parallelism
Master Channel (MC)
Slave Channel (SC)
15
26
37
48
Table 6.
Power boost mode: master/slave channel parallelism
Master Channel (MC)
Slave Channel (SC)
15
26
37
48
912
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com