Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 7Page - STMicroelectronics STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics STE12PS Datasheet HTML 10Page - STMicroelectronics STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
11/44
By default, the STE12PS will recognize a valid signature with the following characteristics:
an inverse slope of the port current vs. voltage (I-V) characteristic measuring
between 19 and 26.5 k
Ω (Rdl and Rdh),
a port capacitance of less than 4µF.
If required, the STE12PS can also perform a custom, resistive detection search – modifying
the acceptance window. This can be easily performed by changing the Rdh and Rdl limits or
by changing Gdl and Gdh via the logic interface.
In Midspan applications, where power is applied via spare wires, when the PSE fails to
detect a PD, the port remains in high-impedance (Hi-Z) for at least two seconds. If the
signature resistance is greater than 500k
Ω, then the two second wait is avoided.
Transition rates of the port voltage between the two probing levels can be adjusted with
capacitance Cdetslow.
3.2.2
Classification
Once a valid signature is detected, the port is probed for classification in order to perform
smart-power management (if enabled).
Port probing is performed by forcing a DC voltage in the range of 16V to 18 V (one DC
generator multiplexed between the channels) and monitoring current Iclass. The
measurement is repeated and stored in the Channel Monitor Classification registers to
ensure a coherent classification. The PD power class is defined as shown in
Table 4 above.
The detected class is then stored in the Channel Status registers.
Note:
The power absorbed in a link is calculated considering the actual value of the battery
voltage in order to arrive at a true power measurement result.
Table 4.
PD power classification
Class
Usage
Maximum power level at
PSE output (Pall)
Power level at PD input
Iclass
0
Default
15.4W (programmable)
0.44 to 12.95W
Iclass < Ithcl0
1
Optional
4W (programmable)
0.44 to 3.84W
Ithcl0 < Iclass < Ithcl1
2
Optional
7W (programmable)
3.84 to 6.49W
Ithcl1< Iclass < Ithcl2
3
Optional
15.4W (programmable)
6.49 to 12.95W
Ithcl2 < Iclass < Ithcl3
4
Optional
-
Reserved
Ithcl3 < Iclass < Ithcl4
0
Default
15.4W (programmable)
0.44 to 12.95W
Ithcl4 < Iclass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com