Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 33 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 29Page - STMicroelectronics STE12PS Datasheet HTML 30Page - STMicroelectronics STE12PS Datasheet HTML 31Page - STMicroelectronics STE12PS Datasheet HTML 32Page - STMicroelectronics STE12PS Datasheet HTML 33Page - STMicroelectronics STE12PS Datasheet HTML 34Page - STMicroelectronics STE12PS Datasheet HTML 35Page - STMicroelectronics STE12PS Datasheet HTML 36Page - STMicroelectronics STE12PS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Electrical specifications and timings
33/44
Classification
Vcl
Classification probing voltage
15.9
17
18.1
V
Between port terminals
Icllim
Current limit during classification
55
70
mA
Tcl
Classification time
15
ms
One channel at a time,
classification
measurement has to be
considered as sampled
and integrated over this
time interval.
Ithcl0
Class0-1 current threshold
5.5
6.5
7.5
mA
Ithcl1
Class1-2 current threshold
13.5
14.5
15.5
mA
Ithcl2
Class2-3 current threshold
21.8
23
24.2
mA
Ithcl3
Class3-4 current threshold
31.5
33
34.5
mA
Ithcl4
Class4-0 current threshold
45.5
46.5
47.5
mA
Powering
Pall
Maximum power per channel
15.4
W
See also classification
paragraph
(doubled in case of Boost
configuration)
Iinrush
Output current startup mode
400
450
mA
Inrush current soft start
Imin
Power off current
5
10
mA
Disconnect for t >
TPMDO (DC
disconnection method)
Acfre
AC disconnection sinusoidal
generator
50
Hz
Frequency spread related
to clock stability
Vacd
AC generator open line voltage
2.5
Vpp
Zac
AC impedance needed to
maintain power
100
k
Ω
Tmpdo
PD power maintenance request
drop out time limit
(Software programmable)
300
400
ms
The STE12PS will not
remove power if the PD
maintenance signal is
absent for less than
300ms duration. If an
absence of power
maintenance signal has
been detected, the
STE12PS shall remove
power within 400ms
max(1)
Icut
Over load current
Pall/Vport
400
mA
After time duration of
Tovld the STE12PS will
disconnect the power
from the port.
Table 12.
Electrical characteristics (continued)
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com