Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 1 Page - STMicroelectronics

  STE12PS Datasheet HTML 1Page - STMicroelectronics STE12PS Datasheet HTML 2Page - STMicroelectronics STE12PS Datasheet HTML 3Page - STMicroelectronics STE12PS Datasheet HTML 4Page - STMicroelectronics STE12PS Datasheet HTML 5Page - STMicroelectronics STE12PS Datasheet HTML 6Page - STMicroelectronics STE12PS Datasheet HTML 7Page - STMicroelectronics STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
August 2007
Rev 3
1/44
44
STE12PS
12 channel integrated PSE line manager
Features
PSE power control device
Supports up to 12 independent, 4(a)or 6(b) 30W
“boosted” ports
Wide operating range: up to 90V
IEEE 802.3af compliant
Open circuit detection: AC and DC methods
Advanced power management algorithm
Current sensing with as low as 500m
Ω,
external, series resistors
No need for external FETs
In-rush current control
Short-circuit protection
Adaptable signature detection capability
On-chip 3.3V SMPS controller
Low-noise, 12-bit ADC
Standard I2C interface
Parallel monitor interface
Description
STE12PS is designed to supply power over
multiple Ethernet channels in order to avoid
different, individual power supply units for
applications such as Web cams, IP Phones,
Bluetooth access points and WLAN access
points.
The equipment that provides the power to the
twisted pair cabling is referred to as Power
Sourcing Equipment (PSE).
The PSE’s main functions are: looking for links to
a Powered Device (PD), classifying a PD,
supplying power to the link, monitoring power on
the link, and removing power from the link.
The STE12PS is fully programmable, supporting
the detection and powering of IEEE802.3af as
well as legacy PDs. The flexibility of the STE12PS
allows the user to select a suitable system
configuration: up to 12 ports as well as 4(a) or 6(b)
“boosted” channels. If needed, the STE12PS can
also efficiently manage cases or applications
where a limited amount of power is available to
the ports (smart-power capability) by means of
integrated, power MOSFET devices. All
operations are controlled via the I2C bus also
notifying externally some ports status condition
via dedicated pins.
Ethernet port isolation can be easily maintained
thanks to an integrated 3.3V SMPS power source
and by means of optocouplers.
The STE12PS has five address selection inputs
to choose up to 32 possible different addresses.
Power can be provided to the PD using either
spare lines of the Ethernet cable or using the data
wires, as specified by IEEE 802.3af.
a.
In AUTO mode
b.
In MANUAL mode
PBGA23x23
PBGA23x23
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STE12PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE1200-50T4MI VISHAY-STE1200-50T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1200-60T4MI VISHAY-STE1200-60T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1200-75T4MI VISHAY-STE1200-75T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
ABB
STE125 ABB-STE125 Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Superworld Electronics
STE12S03F SUPERWORLD-STE12S03F Datasheet
150Kb / 2P
1W Single Output Surface Mount DC-DC Converter
More results

Similar Description - STE12PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64012 ETC-PD64012 Datasheet
496Kb / 16P
12-channel PoE Manager
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
logo
Linear Technology
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com