Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 41 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 36Page - STMicroelectronics STE12PS Datasheet HTML 37Page - STMicroelectronics STE12PS Datasheet HTML 38Page - STMicroelectronics STE12PS Datasheet HTML 39Page - STMicroelectronics STE12PS Datasheet HTML 40Page - STMicroelectronics STE12PS Datasheet HTML 41Page - STMicroelectronics STE12PS Datasheet HTML 42Page - STMicroelectronics STE12PS Datasheet HTML 43Page - STMicroelectronics STE12PS Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Package information - mechanical data
41/44
8
Package information - mechanical data
In order to meet environmental requirements, ST Microelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST Microelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Package code: TN
JEDEC/EIAJ reference number: JEDEC standard No. 95-1, section 14 (ball grid array
package design guide)
Note:
1
Maximum mounted height, dimension A, is 1.77mm based on a 0.35 mm ball pad diameter.
Solder paste is 0.15mm thick and 0.35mm in diameter.
2
PBGA stands for Plastic Ball Grid Array.
3
The terminal A1 corner must be on the top surface by using a corner chamfer, ink,
metallized markings or some other feature of the package body or internal heatslug.
4
A distinguishing feature is allowed on the bottom surface of the package to identify terminal
the A1 corner.
5
Exact shape of each corner is optional.
Table 14.
Package dimensions
Ref.
Databook (mm)
Drawing (mm)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.720
1.620
1.720
1.820
A1
0.270
0.350
0.400
0.450
A2
1.320
1.320
b
0.450
0.500
0.550
0.450
0.500
0.550
D
22.800
23.000
23.200
22.900
23.000
23.100
D1
21.000
21.000
E
22.800
23.000
23.200
22.900
23.000
23.100
E1
21.000
21.000
e
0.950
1.000
1.050
0.950
1.000
1.050
f
0.875
1.000
1.125
0.875
1.000
1.125
ddd
0.200
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com