Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 9 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 5Page - STMicroelectronics STE12PS Datasheet HTML 6Page - STMicroelectronics STE12PS Datasheet HTML 7Page - STMicroelectronics STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics STE12PS Datasheet HTML 10Page - STMicroelectronics STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
9/44
3
Functional description
The STE12PS architecture provides a complete PSE interface and smart digital controller to
efficiently manage the functions in a PoE system. All operations can be controlled through
R/W registers via a standard I2C bus interface.
The STE12PS is designed to control power delivery of up to 12 separate lines. This is
performed by controlling 12 integrated, power MOS transistors connected to the low side of
the line - monitoring the line voltage and sensing line current by means of external, series
sensing resistors (one per port). Turning on a port means to switch the relative MOS
transistor thus controlling the inrush current in order to rise the port voltage up to 48V
(typical battery voltage) after a valid PD signature has been detected. The flexibility of the
STE12PS allows the user to select a suitable system configuration: 12 "standard", 4 or 6
"boosted" 30W channels, by means of pins CH_NUMn. Also, one can select the type of
architecture (Endpoint PSE/ Alternative A or Midspan PSE/Alternative B) for all channels via
pin A_BN_SEL.
Some typical applications for the STE12PS include:
Ethernet switches/routers
Midspan power supplies
IP-PBX
WLAN access points
3.1
Operating modes
The digital controller can operate in one of five possible modes for all the channels,
selectable through the Global Configuration registers: Stand-by, Auto, Semi Auto, Manual or
Power Down.
When the reset condition is removed, the controller defaults to Power Down mode if the
AUTO_START pin is tied low; if AUTO_START is tied HIGH the mode is configured in AUTO.
The mode can be changed only during a limited amount of time (100ms), after the reset is
released, accessing the Global Configuration registers before the detection procedure is
started, or placing the device in STAND-BY mode via the I2C interface.
The characteristics of the Five possible operating modes are described below:
STAND-BY: the controller allows only the read write operations suitable for changing
programmability. To enable this mode set the reset bit 1 of the REG0x05.
AUTO: the controller autonomously performs detection, classification and Power ON
command without the need of host commands. A subset of status flags stored in the
channels monitor registers is reported externally through the Status Flag Notifies pins
allowing operation without the presence of the host controller.
SEMIAUTO: after a triggering command the controller autonomously performs
detection and classification waiting a dedicated command from host processor for the
power on. Based on the detection and classification results reported in the Channels
Status registers, the host controller can decide to power on the selected channel. The
disconnection of a channel is automatic as in the AUTO mode, unless disabled.
MANUAL: any action is performed manually. The host controller has the responsibility
to force any state transition in the FSM. Then based on the measures performed
automatically by the ADC on several parameters, the host controller can decide to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com