Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 33Page - STMicroelectronics STE12PS Datasheet HTML 34Page - STMicroelectronics STE12PS Datasheet HTML 35Page - STMicroelectronics STE12PS Datasheet HTML 36Page - STMicroelectronics STE12PS Datasheet HTML 37Page - STMicroelectronics STE12PS Datasheet HTML 38Page - STMicroelectronics STE12PS Datasheet HTML 39Page - STMicroelectronics STE12PS Datasheet HTML 40Page - STMicroelectronics STE12PS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Ball coordinates
37/44
4
AA
NC
9
B
TEST_MODE0
4
AB
P6_3
9
C
AUTO_START
4
E
gnd
7
B
I2C_ADDR2
4
F
gnd
7
C
I2C_ADDR4
4
G
DGND
7
D
CLK_GEN2
4
H
DGND
7
W
GND
4J
GND
7
Y
ACS2
4K
GND
7
AA
NC
4
L
GND
7
AB
P2_1-2
4
M
GND
8
A
CH_NUM1
4
N
GND
8
B
TEST_MODE1
4
P
GND
8
C
A_BN_SEL
4R
GND
8
D
MCLKout
4
T
GND
8
W
SSRp2
4
U
GND
8
Y
FSRp2_1-2
4V
GND
8
AA
NC
4
W
GND
8
AB
P2_3
4
Y
ACS6
9
A
CH_NUM0
5A
INTN
9
D
CLK_GEN3
5AA
NC
9
P
GND
5
AB
SP6
9
W
GND
5
B
I2C_ADDR0
9
J
gnd
5
C
OVCUR
9
K
GND
5
D
gnd
9
L
GND
5
W
SSRp6
9
M
GND
5
Y
FSRp6_1-2
9
N
GND
6
A
SDAIN
9
Y
FSRp2_3
6AA
NC
10
D
VDDA
6AB
NC
10
J
gnd
6
B
I2C_ADDR1
9
AA
NC
6
C
I2C_ADDR3
9
AB
SP2
6
D
CLK_GEN1
10
A
AGND
6W
GND
10
B
AGND
6
Y
FSRp6_3
10
C
SCAN_EN
7A
SDAOUT
10
K
GND
Table 13.
Pad coordinates (continued)
Column
Row
Pin name
Column
Row
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com