Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 43 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 36Page - STMicroelectronics STE12PS Datasheet HTML 37Page - STMicroelectronics STE12PS Datasheet HTML 38Page - STMicroelectronics STE12PS Datasheet HTML 39Page - STMicroelectronics STE12PS Datasheet HTML 40Page - STMicroelectronics STE12PS Datasheet HTML 41Page - STMicroelectronics STE12PS Datasheet HTML 42Page - STMicroelectronics STE12PS Datasheet HTML 43Page - STMicroelectronics STE12PS Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Ordering information
43/44
9
Ordering information
10
Revision history
Table 15.
Order codes
Part number
Temperature range
Package
E-STE12PS(1)
1.
E-: ECOPACK
®
-40°C to +85 °C
PBGA (23mm x 23mm x 1.82mm)
Table 16.
Document revision history
Date
Revision
Changes
10-Nov-2006
1
Initial release
13-Dec-2006
2
Updated the number of 30W boosted ports to be four or six instead
of four previously (cover page and
Section 3.8).
17-Aug-2007
3
Added
Table 11: ESD in Chapter 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com