Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE12PS Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 8Page - STMicroelectronics STE12PS Datasheet HTML 9Page - STMicroelectronics STE12PS Datasheet HTML 10Page - STMicroelectronics STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics STE12PS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
12/44
3.2.3
Detection and classification FSM
This FSM manages all operations related to the detection and classification procedures.
For these two procedures, the following assumptions are made:
1.
A channel is detected ONLY if:
a)
the channel has not yet been detected,
and Channel Detection has been enabled,
and
b)
the Backoff Detection timer
and Subsequent Attempt timer are NOT running (after
a corresponding fault detection or failed signature).
2.
A channel is classified ONLY if:
a)
Channel Classification is enabled,
and
b)
the previous related detection procedure has reported an Rgood/Ggood value
(Auto and SemiAuto modes).
Three general macro operations can be performed:
●
STARTUP: the following operations are related to the startup procedure:
–
RESET: reset and initialize all digital aspects of the STE12PS,
–
WAIT_POWER_UP: wait 100ms for completion of the power-up procedure. During
this period, the I2C bus is active - allowing the host to initialize registers while the
detection procedure is waiting to start.
–
DETECTION START: all setting-up needed to start operations is performed in this
state. The first battery voltage sample is latched in a dedicated register.
●
DETECTION: the following operations are related to the detection procedure for the
channel selected:
–
Low voltage detection command (4V) is issued via registers; detection timer is
started to execute the command for a duration of ½Tdet ms.
–
Wait for 5ms to acquire a stable measurement.
–
Sampled sensing current values are acquired via A/D converter.
–
The samples previously acquired are averaged and the resulting value, reported
into the Channels Monitor register, is compared against programmed min/max
values. If the sensing current is higher than maximum allowed value, the detection
procedure is considered as having FAILED: backoff timer is started (Alternative B)
and an alarm flag raised according to the Channel Status registers.
–
If the sensing current results lower than the minimum allowed value the detection
procedure is continued: the alarm flag is raised in the Channel Status registers.
–
The described operations are repeated for the High-Voltage detection command
(8 V).
–
Signature Resistance is calculated:
–
If 2µsec < Gmeas < Glow
or Ghigh < Gmeas, then backoff timer is started
(Alternative B) and detection result failure is reported in the Channel Status
registers.
–
Else, Glow < Gmeas < Ghigh and the result of a successful detection is reported
in the Channel Status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com