Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
17 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.3.9 Overcurrent protection (FBSENSE pin)
The primary peak current in the transformer is measured accurately cycle-by-cycle using
the external sense resistor Rsense2. The OCP circuit limits the voltage on pin FBSENSE to
an internal level (see also Section 7.3.3). The OCP detection is suppressed during the
leading edge blanking period, tleb, to prevent false triggering caused by switch-on spikes.
7.3.10 Overpower protection
During the primary stroke of the flyback converter the input voltage of the flyback
converter is measured by sensing the current that is drawn from the pin FBAUX.
The current information is used to adjust the peak drain current of the flyback converter,
which is measured via pin FBSENSE. The internal compensation is such that an almost
input voltage independent maximum output power can be realized.
The OPP curve is given in Figure 14.
7.3.11 Driver (FBDRIVER pin)
The driver circuit to the gate of the external power MOSFET has a current sourcing
capability of typically
−500 mA and a current sink capability of typically 1.2 A. This permits
fast turn-on and turn-off of the power MOSFET for efficient operation.
Fig 13. OCP leading edge blanking
tleb
OCP level
VFBSENSE
t
014aaa022
Fig 14. Overpower protection curve
IFBAUX (μA)
−400
−360
0
−100
−300
−200
014aaa096
0.4
0.5
0.6
VFBSENSE
(V)
0.3
0.52
0.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com