Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors SSL4101T Datasheet HTML 24Page - NXP Semiconductors SSL4101T Datasheet HTML 25Page - NXP Semiconductors SSL4101T Datasheet HTML 26Page - NXP Semiconductors SSL4101T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
23 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
[1]
For a typical application with a compensation network on pin PFCCOMP, such as the example shown in Figure 3.
[2]
Minimum required voltage change time for valley recognition on pin PFCAUX.
[3]
Minimum time required between demagnetization detection and
ΔV/Δt = 0 on pin PFCAUX.
[4]
Hysteresis for PFC on/off control.
[5]
Guaranteed by design.
Driver (pin FBDRIVER)
Isrc(FBDRIVER)
source current on pin
FBDRIVER
VFBDRIVER =2V
-
−0.5
-
A
Isink(FBDRIVER)
sink current on pin FBDRIVER
VFBDRIVER =2V
-
0.7
-
A
VFBDRIVER = 10 V
-
1.2
-
A
VO(FBDRIVER)(max)
maximum output voltage on pin
FBDRIVER
-11
12
V
LATCH input (pin LATCH)
Vprot(LATCH)
protection voltage on pin
LATCH
1.23
1.25
1.27
V
IO(LATCH)
output current on pin LATCH
Vprot(LATCH) <VLATCH <Voc(LATCH)
−85
−80
−75
μA
Ven(LATCH)
enable voltage on pin LATCH
at start-up
1.30
1.35
1.40
V
Vhys(LATCH)
hysteresis voltage on pin
LATCH
Ven(LATCH) − Vprot(LATCH)
80
100
140
mV
Voc(LATCH)
open-circuit voltage on pin
LATCH
2.65
2.9
3.15
V
Temperature protection
Tpl(IC)
IC protection level temperature
130
140
150
°C
Tpl(IC)hys
hysteresis of IC protection level
temperature
-10
-
°C
Table 5.
Characteristics …continued
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com