Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
9 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.2.3 Frequency limitation
To optimize the transformer and minimize switching losses, the switching frequency is
limited to fsw(PFC)max. If the frequency for quasi-resonant operation is above the fsw(PFC)max
limit, the system switches over to discontinuous conduction mode. Also here, the PFC
MOSFET is only switched on at a minimum voltage across the switch (valley switching).
7.2.4 Mains voltage compensation (VINSENSE pin)
The mathematical equation for the transfer function of a power factor corrector contains
the square of the mains input voltage. In a typical application this results in a low
bandwidth for low mains input voltages, while at high mains input voltages the Mains
Harmonic Reduction (MHR) requirements may be hard to meet.
To compensate for the mains input voltage influence, the SSL4101T contains a correction
circuit. Via the VINSENSE pin the average input voltage is measured and the information
is fed to an internal compensation circuit. With this compensation it is possible to keep the
regulation loop bandwidth constant over the full mains input range, yielding a fast transient
response on load steps, while still complying with class-D MHR requirements.
In a typical application, the bandwidth of the regulation loop is set by a resistor and two
capacitors on the PFCCOMP pin.
7.2.5 Soft start-up (pin PFCSENSE)
To prevent audible transformer noise at start-up or during hiccup, the transformer peak
current, IDM, is increased slowly by the soft start function. This can be achieved by
inserting RSS1 and CSS1 between pin PFCSENSE and current sense resistor RSENSE1.
An internal current source charges the capacitor to VPFCSENSE =Istart(soft)PFC × RSS1. The
voltage is limited to Vstart(soft)PFC.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS1 and CSS1.
The charging current Istart(soft)PFC flows as long as the voltage on pin PFCSENSE is
below 0.5 V (typ). If the voltage on pin PFCSENSE exceeds 0.5 V, the soft start current
source starts limiting current Istart(soft)PFC. As soon as the PFC starts switching, the
Istart(soft)PFC current source is switched off; see Figure 5.
τsoftstart
3
R
SS1
C
SS1
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com