Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
16 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.3.7 Maximum on-time
The flyback controller limits the ‘on-time’ of the external MOSFET to 40
μs (typical). When
the ‘on-time’ is longer than 40
μs, the IC stops switching and enters the safe restart mode.
7.3.8 Overvoltage protection (FBAUX pin)
An output overvoltage protection is implemented in the GreenChip III+ series. This works
for the SSL4101T by sensing the auxiliary voltage via the current flowing into pin FBAUX
during the secondary stroke. The auxiliary winding voltage is a well-defined replica of the
output voltage. Voltage spikes are averaged by an internal filter.
If the output voltage exceeds the OVP trip level, an internal counter starts counting
subsequent OVP events. The counter has been added to prevent incorrect OVP detection
which might occur during ESD or lightning events. If the output voltage exceeds the OVP
trip level a few times and not again in a subsequent cycle, the internal counter counts
down at twice the speed it uses when counting up.
However, when typically eight cycles of subsequent OVP events are detected, the IC
assumes a true OVP and the OVP circuit switches the power MOSFET off. As the
protection is latched, the converter only restarts after the internal latch is reset. In a typical
application the mains should be interrupted to reset the internal latch.
The output voltage Vo(OVP) at which the OVP function trips, can be set by the
demagnetization resistor, RFBAUX :
where Ns is the number of secondary turns and Naux is the number of auxiliary turns of the
transformer. Current Iovp(FBAUX) is internally trimmed.
The value of RFBAUX can be adjusted to the turns ratio of the transformer, thus making an
accurate OVP detection possible.
Fig 12. Soft start-up of flyback
014aaa020
SOFT START
CONTROL
OCP
+
10
FBSENSE
0.5 V
Istart(soft)fb ≤ 60 μA
S2
RSS2
CSS2
RSENSE2
V
Oovp
()
Ns
N
aux
----------- I
ovp FBAUX
()
R
FBAUX
×
V
clamp FBAUX
()
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com