Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL4101T Datasheet HTML 1Page - NXP Semiconductors SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
2 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
• Using SSL4101T, a low power controller (< 50 mW) can be driven directly by the LED
lighting application power supply’s output while maintaining the input power in
Standby mode below the maximum of 0.5 W.
• Extremely high-efficiency can be achieved in LED lighting application power supplies
using the SSL4101T (between 92 % to 94 %). This enables the power supply to
operate reliably in enclosed spaces with very little cooling (which is typical for SSL
applications).
2.
Features and benefits
2.1 Distinctive features
Integrated PFC and flyback controller.
True universal mains supply operation: 70 V (AC) to 305 V (AC).
High level of integration, resulting in a very low external component count and a
cost-effective design.
2.2 Green features
On-chip start-up current source.
2.3 PFC green features
Valley/zero voltage switching for minimum switching losses (NXP Semiconductors
patented).
Frequency limitation to reduce switching losses.
PFC is switched off when a low load is detected at the flyback output.
2.4 Flyback green features
Valley switching for minimum switching losses (NXP Semiconductors patented).
Frequency reduction with fixed minimum peak current at low power operation to
maintain high efficiency at low output power levels.
2.5 Protection features
Safe restart mode for system fault conditions.
Continuous mode protection by means of demagnetization detection for both
converters (NXP Semiconductors patented).
UnderVoltage Protection (UVP) (foldback during overload).
Accurate OverVoltage Protection (OVP) for both converters (adjustable for flyback
converter).
Open control loop protection for both converters. The open loop protection on the
flyback converter is safe restart.
IC OverTemperature Protection (OTP).
Low and adjustable OverCurrent Protection (OCP) trip level for both converters.
General purpose input for latched protection, e.g. to be used for system
OverTemperature Protection (OTP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com