Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
19 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
9.
Thermal characteristics
10. Characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air; JEDEC test board
124
K/W
Table 5.
Characteristics
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Start-up current source (pin HV)
IHV
current on pin HV
VHV > 80 V
VCC < Vtrip;
Vth(UVLO) <VCC <Vstartup
-1.0
-mA
Vtrip < VCC < Vth(UVLO)
-5.4
-mA
with auxiliary supply
8
20
40
μA
VBR
breakdown voltage
650
-
-
V
Supply voltage management (pin VCC)
Vtrip
trip voltage
0.55
0.65
0.75
V
Vstartup
start-up voltage
212223V
Vth(UVLO)
undervoltage lockout threshold
voltage
14
15
16
V
Vstart(hys)
hysteresis of start voltage
during start-up phase
-
300
-
mV
Vhys
hysteresis voltage
Vstartup − Vth(UVLO)
6.3
7
7.7
V
Ich(low)
low charging current
VHV > 80 V; VCC <Vtrip or
Vth(UVLO) <VCC <Vstartup
−1.2
−1.0
−0.8
mA
Ich(high)
high charging current
VHV >80V; Vtrip <VCC < Vth(UVLO)
−4.6
−5.4
−6.3
mA
ICC(oper)
operating supply current
no load on pin FBDRIVER and
PFCDRIVER
2.25
3
3.75
mA
Input voltage sensing PFC (pin VINSENSE)
Vstop(VINSENSE)
stop voltage on pin VINSENSE
0.86
0.89
0.92
V
Vstart(VINSENSE)
start voltage on pin VINSENSE
1.11
1.15
1.19
V
ΔV
pu(VINSENSE)
pull-up voltage difference on
pin VINSENSE
active after Vstop(VINSENSE) is
detected
-
−100
-
mV
Ipu(VINSENSE)
pull-up current on pin
VINSENSE
active after Vstop(VINSENSE) is
detected
−55
−47
−40
μA
Vmvc(VINSENSE)max maximum mains voltage
compensation voltage on pin
VINSENSE
4.0
--V
Vflr
fast latch reset voltage
active after Vth(UVLO) is detected
-
0.75
-
V
Vflr(hys)
hysteresis of fast latch reset
voltage
-0.12
-
V
II(VINSENSE)
input current on pin VINSENSE VVINSENSE > Vstop(VINSENSE) after
Vstart(VINSENSE) is detected
533
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com