Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
7 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.1.2 Supply management
All internal reference voltages are derived from a temperature compensated and trimmed
on-chip band gap circuit. Internal reference currents are derived from a temperature
compensated and trimmed on-chip current reference circuit.
7.1.3 Latch input
Pin LATCH is a general purpose input pin, which can be used to switch off both
converters. The pin sources a current IO(LATCH) (80 μA typical). Switching off both
converters is stopped as soon as the voltage on this pin drops below 1.25 V.
At initial start-up the switching is inhibited until the capacitor on the LATCH pin is charged
above 1.35 V (typical). No internal filtering is done on this pin. An internal Zener clamp of
2.9 V (typical) protects this pin from excessive voltages.
Fig 4.
Start-up sequence, normal operation and restart sequence
VCC
LATCH
PROTECTION
PFCSENSE
PFCDRIVER
FBSENSE
FBDRIVER
FBCTRL
VOSENSE
VO
charging VCC
capacitor
starting
converters
normal
operation
protection
restart
soft start
soft start
IHV
Vstart(VINSENSE)
Vto(FBCTRL)
Vstartup
Vth(UVLO)
Vtrip
VEN(LATCH)
Vstart(fb)
VINSENSE
014aaa156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com