Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
10 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.2.6 Low power mode
When the output power of the flyback converter (see Section 7.3) is low, the flyback
converter switches over to frequency reduction mode. When frequency reduction mode is
entered by the flyback controller, the power factor correction circuit is switched off to
maintain high efficiency.
During low power mode operation the PFCCOMP pin is clamped to a minimal voltage of
2.7 V (typical) and a maximum voltage of 3.9 V (typical). The lower clamp voltage limits
the maximum power that is delivered when the PFC is switched on again. The upper
clamp voltage ensures that the PFC can return to its normal regulation point in a limited
amount of time when returning from low power mode.
As soon as the flyback converter leaves the frequency reduction mode, the power factor
correction circuit restores normal operation. To prevent continuous switching on and off of
the PFC circuit, a small hysteresis is build in, (60 mV (typical) on the FBCTRL pin).
7.2.7 Overcurrent protection (PFCSENSE pin)
The maximum peak current is limited cycle-by-cycle by sensing the voltage across an
external sense resistor, RSENSE1, on the source of the external MOSFET. The voltage is
measured via the PFCSENSE pin.
7.2.8 Mains undervoltage lockout/brownout protection (VINSENSE pin)
To prevent the PFC from operating at very low mains input voltages, the voltage on the
VINSENSE pin is sensed continuously. As soon as the voltage on this pin drops below the
Vstop(VINSENSE) level, switching of the PFC is stopped.
The voltage on pin VINSENSE is clamped to a minimum value,
Vstart(VINSENSE) + ΔVpu(VINSENSE), for a fast restart as soon as the mains input voltage is
restored after a mains dropout.
Fig 5.
Soft start-up of PFC
SOFT START
CONTROL
OCP
11
PFCSENSE
0.5 V
Istartup(soft)PFC ≤ 60 μA
S1
RSS1
CSS1
RSENSE1
014aaa157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com