Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
8 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.1.4 Fast latch reset
In a typical application the mains can be interrupted briefly to reset the latched protection.
The PFC bus capacitor, Cbus, does not have to discharge for this latched protection to
reset.
Typically the PFC bus capacitor, Cbus, has to discharge for the VCC to drop to this reset
level. When the latched protection is set, the clamping circuit of the VINSENSE circuit is
disabled. (see also Section 7.2.8) As soon as the VINSENSE voltage drops below
750 mV (typical) and after that is raised to 870 mV (typical), the latched protection is reset.
The latched protection is also reset by removing both the voltage on pin VCC and on
pin HV.
7.1.5 Overtemperature protection
An accurate internal temperature protection is provided in the circuit. When the junction
temperature exceeds the thermal shutdown temperature, the IC stops switching. As long
as OTP is active, the capacitor CVCC is not recharged from the HV mains. The OTP circuit
is supplied from the HV pin if the VCC supply voltage is not sufficient.
OTP is a latched protection. It can be reset by removing both the voltage on pin VCC and
on pin HV or by the fast latch reset function. (See Section 7.1.4)
7.2 Power factor correction circuit
The power factor correction circuit operates in quasi-resonant or discontinuous
conduction mode with valley switching. The next primary stroke is only started when the
previous secondary stroke has ended and the voltage across the PFC MOSFET has
reached a minimum value. The voltage on the PFCAUX pin is used to detect transformer
demagnetization and the minimum voltage across the external PFC MOSFET switch.
7.2.1 ton control
The power factor correction circuit is operated in ton control. The resulting mains harmonic
reduction of a typical application is well within the class-D requirements.
7.2.2 Valley switching and demagnetization (PFCAUX pin)
The PFC MOSFET is switched on after the transformer is demagnetized. Internal circuitry
connected to the PFCAUX pin detects the end of the secondary stroke. It also detects the
voltage across the PFC MOSFET. The next stroke is started when the voltage across the
PFC MOSFET is at its minimum in order to reduce switching losses and ElectroMagnetic
Interference (EMI) (valley switching).
If no demagnetization signal is detected on the PFCAUX pin, the controller generates a
zero current signal (ZCS), 50
μs (typical) after the last PFCGATE signal.
If no valley signal is detected on the PFCAUX pin, the controller generates a valley signal
4
μs (typical) after demagnetization was detected.
To protect the internal circuitry during lightning events, for example, it is advisable to add a
5k
Ω series resistor to this pin. To prevent incorrect switching due to external disturbance,
the resistor should be placed close to the IC on the printed-circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com