Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
12 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
At high output power the converter switches to quasi-resonant mode. The next converter
stroke is started after demagnetization of the transformer current. In quasi-resonant mode
switching losses are minimized as the converter only switches on when the voltage across
the external MOSFET is at its minimum (valley switching, see also Section 7.3.2).
To prevent high frequency operation at lower loads, the quasi-resonant operation changes
to discontinuous mode operation with valley skipping in which the switching frequency is
limited for EMI to fsw(fb)max (125 kHz typical). Again, the external MOSFET is only switched
on when the voltage across the MOSFET is at its minimum.
At very low power and standby levels the frequency is controlled down by a Voltage
Controlled Oscillator (VCO). The minimum frequency can be reduced to zero. During
frequency reduction mode, the primary peak current is kept at a minimal level of Ipkmax /4
to maintain a high efficiency. (Ipkmax is the maximum primary peak current set by the sense
resistor and the maximum sense voltage.) As the primary peak current is low in frequency
reduction operation (Ipk =Ipkmax / 4), no audible noise is noticeable at switching
frequencies in the audible range. Valley switching is also active in this mode.
In frequency reduction mode the PFC controller is switched off and the flyback maximum
frequency changes linearly with the control voltage on the FBCTRL pin (see Figure 7 ).
For stable on and off switching of the PFC, the FBCTRL pin has a 50 mV (typical)
hysteresis. At no load operation the switching frequency can be reduced to (almost) zero.
7.3.2 Valley switching (HV pin)
Refer to Figure 8. A new cycle starts when the external MOSFET is activated. After the
on-time (determined by the FBSENSE voltage and the FBCTRL voltage), the MOSFET is
switched off and the secondary stroke starts. After the secondary stroke, the drain voltage
shows an oscillation with a frequency of approximately:
(1)
Fig 7.
Frequency control of flyback part
fsw(fb)max
VFBCTRL
1.5 V
discontinuous
with valley
switching
quasi resonant
frequency
reduction
PFC off
switching frequency
014aaa159
PFC on
1
2
π
×
L
p
C
d
×
()
×
()
---------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com