Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
18 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
μH coil and a 10 Ω resistor.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
−0.4
+38
V
VLATCH
voltage on pin LATCH
current limited
−0.4
+5
V
VFBCTRL
voltage on pin FBCTRL
−0.4
+5
V
VPFCCOMP
voltage on pin PFCCOMP
−0.4
+5
V
VVINSENSE
voltage on pin VINSENSE
−0.4
+5
V
VVOSENSE
voltage on pin VOSENSE
−0.4
+5
V
VPFCAUX
voltage on pin PFCAUX
−25
+25
V
VFBSENSE
voltage on pin FBSENSE
current limited
−0.4
+5
V
VPFCSENSE
voltage on pin PFCSENSE
current limited
−0.4
+5
V
VHV
voltage on pin HV
−0.4
+650
V
Currents
IFBCTRL
current on pin FBCTRL
−30
mA
IFBAUX
current on pin FBAUX
−1+1
mA
IPFCSENSE
current on pin PFCSENSE
−1+10
mA
IFBSENSE
current on pin FBSENSE
−1+10
mA
IFBDRIVER
current on pin FBDRIVER
duty cycle < 10 %
−0.8
+2
A
IPFCDRIVER
current on pin PFCDRIVER
duty cycle < 10 %
−0.8
+2
A
IHV
current on pin HV
-
5
mA
General
Ptot
total power dissipation
Tamb <75 °C-
0.6
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+150
°C
ESD
VESD
electrostatic discharge voltage class 1
human body model
pins 1 to 13
[1] -
2000
V
pin 16 (HV)
[1] -
1500
V
machine model
[2] -
200
V
charged device model
-
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com