Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors SSL4101T Datasheet HTML 24Page - NXP Semiconductors SSL4101T Datasheet HTML 25Page - NXP Semiconductors SSL4101T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
22 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
Oscillator flyback
fsw(fb)max
maximum flyback switching
frequency
100
125
150
kHz
Vstart(VCO)FBCTRL
VCO start voltage on pin
FBCTRL
1.3
1.5
1.7
V
Vhys(FBCTRL)
hysteresis voltage on pin
FBCTRL
[4] -60
-
mV
ΔV
VCO(FBCTRL)
VCO voltage difference on pin
FBCTRL
--0.1
-
V
Peak current control flyback (pin FBCTRL)
VFBCTRL
voltage on pin FBCTRL
for maximum flyback peak current
1.85
2.0
2.15
V
Vto(FBCTRL)
time-out voltage on pin
FBCTRL
enable voltage
-
2.5
-
V
trip voltage
4.2
4.5
4.8
V
Rint(FBCTRL)
internal resistance on pin
FBCTRL
-3
-k
Ω
IO(FBCTRL)
output current on pin FBCTRL
VFBCTRL = 0 V
−1.4
−1.19 −0.93 mA
VFBCTRL = 2 V
−0.6
−0.5
−0.4
mA
Ito(FBCTRL)
time-out current on pin
FBCTRL
VFBCTRL = 2.6 V
−36
−30
−24
μA
VFBCTRL = 4.1 V
−34.5 −28.5 −22.5 μA
Valley switching flyback (pin HV)
(
ΔV/Δt)
vrec(fb)
flyback valley recognition
voltage change with time
−75
-
+75
V/
μs
td(vrec-swon)
valley recognition to switch-on
delay time
[5] -150
-ns
Soft start flyback (pin FBSENSE)
Istart(soft)fb
flyback soft start current
−75
−60
−45
μA
Vstart(soft)fb
flyback soft start voltage
enable voltage
0.43
0.49
0.54
V
Rstart(soft)fb
flyback soft start resistance
12
-
-
k
Ω
Overcurrent protection flyback (pin FBSENSE)
Vsense(fb)max
maximum flyback sense
voltage
ΔV/Δt = 50 mV/μs
0.49
0.52
0.55
V
ΔV/Δt = 200 mV/μs
0.52
0.55
0.58
V
tleb(fb)
flyback leading edge blanking
time
255
305
355
ns
Istart(OPP)FBAUX
OPP start current on pin
FBAUX
-
−100
-
μA
Iopp(red)(FBAUX)
reduced overpower protection
current on pin FBAUX
Vsense(fb)max has reduced to
0.37 V
-
−360
-
μA
Table 5.
Characteristics …continued
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com