Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors SSL4101T Datasheet HTML 24Page - NXP Semiconductors SSL4101T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
21 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
Valley switching PFC (pin PFCAUX)
(
ΔV/Δt)
vrec(PFC)
PFC valley recognition voltage
change with time
--1.7
V/
μs
tvrec(PFC)
PFC valley recognition time
VPFCAUX = 1 V peak-to-peak
[2] --300
ns
demagnetization to
ΔV/Δt = 0
[3] --50
ns
tto(vrec)PFC
PFC valley recognition time-out
time
346
μs
Demagnetization management PFC (pin PFCAUX)
Vth(comp)PFCAUX
comparator threshold voltage
on pin PFCAUX
−150
−100
−50
mV
tto(demag)PFC
PFC demagnetization time-out
time
40
50
60
μs
Iprot(PFCAUX)
protection current on pin
PFCAUX
VPFCAUX = 50 mV
−75
-
−5nA
Driver (pin PFCDRIVER)
Isrc(PFCDRIVER)
source current on pin
PFCDRIVER
VPFCDRIVER = 2 V
-
−0.5
-
A
Isink(PFCDRIVER)
sink current on pin
PFCDRIVER
VPFCDRIVER = 2 V
-
0.7
-
A
VPFCDRIVER = 10 V
-
1.2
-
A
VO(PFCDRIVER)max
maximum output voltage on pin
PFCDRIVER
-11
12
V
Overvoltage protection flyback (pin FBAUX)
Iovp(FBAUX)
overvoltage protection current
on pin FBAUX
279
300
321
μA
Ncy(ovp)
number of overvoltage
protection cycles
6812
Demagnetization management flyback (pin FBAUX)
Vth(comp)FBAUX
comparator threshold voltage
on pin FBAUX
60
80
110
mV
Iprot(FBAUX)
protection current on pin
FBAUX
VFBAUX =50mV
−50
-
−5nA
Vclamp(FBAUX)
clamp voltage on pin FBAUX
IFBAUX = −500 μA
−1.0
−0.8
−0.6
V
IFBAUX =500 μA
0.5
0.7
0.9
V
tsup(xfmr_ring)
transformer ringing
suppression time
1.5
2
2.5
μs
Pulse width modulator flyback
ton(fb)min
minimum flyback on-time
-
tleb
-ns
ton(fb)max
maximum flyback on-time
32
40
48
μs
Table 5.
Characteristics …continued
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com