Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
14 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
The driver output is latched in the logic, preventing multiple switch-on.
7.3.4 Demagnetization (FBAUX pin)
The system is always in quasi-resonant or discontinuous conduction mode. The internal
oscillator does not start a new primary stroke until the previous secondary stroke has
ended.
Demagnetization features a cycle-by-cycle output short circuit protection by immediately
lowering the frequency (longer off-time), thereby reducing the power level.
Demagnetization recognition is suppressed during the first tsup(xfmr_ring) time (2 μs typical).
This suppression may be necessary at low output voltages and at start-up and in
applications where the transformer has a large leakage inductance.
If pin FBAUX is open circuit or not connected, a fault condition is assumed and the
converter stops operating immediately. Operation restarts as soon as the fault condition is
removed.
7.3.5 Flyback control/time-out (FBCTRL pin)
The pin FBCTRL is connected to an internal voltage source of 3.5 V via an internal
resistor (typical resistance is 3 k
Ω). As soon as the voltage on this pin is above
2.5 V (typical), this connection is disabled. Above 2.5 V the pin is biased with a small
current. When the voltage on this pin rises above 4.5 V (typical), a fault is assumed and
switching is inhibited. In the SSL4101T, a restart will then be made.
When a small capacitor is connected to this pin, a time-out function can be created to
protect against an open control loop situation. (see Figure 10 and Figure 11) The time-out
function can be disabled by connecting a resistor (100 k
Ω) to ground on the FBCTRL pin.
If the pin is shorted to ground, switching of the flyback controller is inhibited.
In normal operating conditions, when the converter is regulating the output voltage, the
voltage on the FBCTRL pin is between 1.4 V and 2.0 V (typical values) from minimum to
maximum output power.
Fig 9.
Peak current control of flyback part
Vsense(fb)max
(V)
VFBCTRL (V)
1.5 V
2.0 V
0.52 V
flyback
frequency
reduction
PFC off
FBSENSE peak voltage
014aaa160
PFC on
flyback
discontinuous
or QR
flyback
cycle skip
mode
1.4 V
0.13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com