Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL4101T Datasheet HTML 1Page - NXP Semiconductors SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
5 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.
Functional description
7.1 General control
The SSL4101T contains a controller for a power factor correction circuit as well as a
controller for a flyback circuit. A typical configuration is shown in Figure 3.
7.1.1 Start-up and UnderVoltage LockOut (UVLO)
Initially the capacitor on the VCC pin is charged from the high voltage mains via the HV pin.
As long as VCC is below Vtrip, the charge current is low. This protects the IC if the VCC pin
is shorted to ground. For a short start-up time the charge current above Vtrip is increased
until VCC reaches Vth(UVLO). If VCC is between Vth(UVLO) and Vstartup, the charge current is
low again, ensuring a low duty cycle during fault conditions.
The control logic activates the internal circuitry and switches off the HV charge current
when the voltage on pin VCC passes the Vstartup level. First, the LATCH pin current source
is activated and the soft start capacitors on the PFCSENSE and FBSENSE pins are
charged. When the LATCH pin voltage exceeds the Ven(LATCH) voltage and the soft start
capacitor on the PFCSENSE pin is charged, the PFC circuit is activated. Also the flyback
converter is activated (providing the soft start capacitor on the FBSENSE pin is charged).
The output voltage of the flyback converter is then regulated to its nominal output voltage.
The IC supply is taken over by the auxiliary winding of the flyback converter. See Figure 4.
If during start-up the LATCH pin does not reach the Ven(LATCH) level before VCC reaches
Vth(UVLO), the LATCH pin output is deactivated and the charge current is switched on
again.
Fig 3.
Typical configuration
12
11
9
16 13
8
6
7
3
2
10
4
5
1
SSL4101T
001aan673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com