Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
13 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
Where Lp is the primary self-inductance of the flyback transformer and Cd is the
capacitance on the drain node.
As soon as the internal oscillator voltage is high again and the secondary stroke has
ended, the circuit waits for the lowest drain voltage before starting a new primary stroke.
Figure 8 shows the drain voltage, valley signal, secondary stroke signal and the internal
oscillator signal.
Valley switching allows high frequency operation as capacitive switching losses are
reduced, see Equation 2. High frequency operation makes small and cost-effective
magnetics possible.
(2)
7.3.3 Current mode control (FBSENSE pin)
Current mode control is used for the flyback converter for its good line regulation.
The primary current is sensed by the FBSENSE pin across an external resistor and
compared with an internal control voltage. The internal control voltage is proportional to
the FBCTRL pin voltage, see Figure 9.
(1) Start of new cycle at lowest drain voltage.
(2) Start of new cycle in a classical Pulse Width Modulation (PWM) system without valley detection.
Fig 8.
Signals for valley switching
P
1
2
---
C
d
V
2
×
f
×
×
=
⎝⎠
⎛⎞
drain
secondary
stroke
014aaa027
secondary
ringing
primary
stroke
valley
(2)
(1)
secondary
stroke
oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com