Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors SSL4101T Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
20 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
Loop compensation PFC (pin PFCCOMP)
gm
transconductance
VVOSENSE to IO(PFCCOMP)
60
80
100
μA/V
IO(PFCCOMP)
output current on pin
PFCCOMP
VVOSENSE = 3.3 V
33
39
45
μA
VVOSENSE = 2.0 V
−45
−39
−33
μA
Vclamp(PFCCOMP)
clamp voltage on pin
PFCCOMP
Low power mode; PFC off; lower
clamp voltage
[1] 2.5
2.7
2.9
V
Upper clamp voltage
[1] -3.9
-V
Vton(PFCCOMP)zero
zero on-time voltage on pin
PFCCOMP
3.4
3.5
3.6
V
Vton(PFCCOMP)max
maximum on-time voltage on
pin PFCCOMP
1.20
1.25
1.30
V
Pulse width modulator PFC
ton(PFC)
PFC on-time
VVINSENSE = 3.3 V;
VPFCCOMP =Vton(PFCCOMP)max
3.6
4.5
5
μs
VVINSENSE = 1 V;
VPFCCOMP =Vton(PFCCOMP)max
30
40
53
μs
Output voltage sensing PFC (pin VOSENSE)
Vth(ol)(VOSENSE)
open-loop threshold voltage on
pin VOSENSE
-0.4
-V
Vreg(VOSENSE)
regulation voltage on pin
VOSENSE
for IO(PFCCOMP) = 0 A
2.475
2.500
2.525
V
Vovp(VOSENSE)
overvoltage protection voltage
on pin VOSENSE
2.60
2.63
2.67
V
Iprot(VOSENSE)
protection current on pin
VOSENSE
-
−30
-
nA
Overcurrent protection PFC (pin PFCSENSE)
Vsense(PFC)max
maximum PFC sense voltage
ΔV/Δt = 50 mV/μs
0.49
0.52
0.55
V
ΔV/Δt = 200 mV/μs
0.52
0.55
0.57
V
tleb(PFC)
PFC leading edge blanking
time
250
310
370
ns
Iprot(PFCSENSE)
protection current on pin
PFCSENSE
−50
-
−5nA
Soft start PFC (pin PFCSENSE)
Istart(soft)PFC
PFC soft start current
−75
−60
−45
μA
Vstart(soft)PFC
PFC soft start voltage
enabling voltage
0.46
0.50
0.54
V
Rstart(soft)PFC
PFC soft start resistance
12
-
-
k
Ω
Oscillator PFC
fsw(PFC)max
maximum PFC switching
frequency
300
380
460
kHz
toff(PFC)min
minimum PFC off-time
0.8
1.1
1.4
μs
Table 5.
Characteristics …continued
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com