Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
6 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
As soon as the flyback converter is started, the voltage on the FBCTRL pin is monitored. If
the output voltage of the flyback converter does not reach its intended regulation level in a
predefined time, the voltage on the FBCTRL pin reaches the Vto(FBCTRL) level and an error
is assumed. The SSL4101T then initiates a safe restart.
When one of the protection functions is activated, both converters stop switching and the
VCC voltage drops to Vth(UVLO). A latched protection recharges the capacitor CVCC via the
HV pin, but does not restart the converters. For a safe restart protection, the capacitor is
recharged via the HV pin and the device restarts (see block diagram, Figure 1).
In the event of an overvoltage protection of the PFC circuit, VVOSENSE >Vovp(VOSENSE),
only the PFC controller stops switching until the VOSENSE pin voltage drops below
Vovp(VOSENSE) again. Also, if a mains undervoltage is detected VVINSENSE <Vstop(VINSENSE),
only the PFC controller stops switching until VVINSENSE >Vstart(VINSENSE) again.
When the voltage on pin VCC drops below the undervoltage lockout level, both controllers
stop switching and reenter the safe restart mode. In the safe restart mode the driver
outputs are disabled and the VCC pin voltage is recharged via the HV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com