Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL4101T Datasheet HTML 1Page - NXP Semiconductors SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
3 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
3.
Applications
The device can be used in all LED lighting applications that require a very efficient, low
THD, high PF, true universal input voltage and cost-effective power supply solution
between 10 W and 300 W.
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type
number
Package
Name
Description
Version
SSL4101T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
Remark: The time-out is safe restart for the SSL4101T.
Fig 1.
Block diagram
LOW
VIN
TIMER 50 μs
TIMER 4 μs
PFC
PROT
VoOVP
VoSTART FB
VoSHORT
LOW VIN
OCP
PFC DRIVER
ENABLE PFC
START STOP PFC
500 mV
SOFT START
PFCGATE
VALLEY
DETECT
ZCS
BLANK
2.50 V
2.7 V
1.25 V
MAX
PROT
EXT PROT
Vstartup
Vth(UVLO)
CHARGE
CONTROL
STARTFB
START STOP
PFC
VCC GOOD
PROT
CHARGE
PFC
OSC
PFC PROT
PROT
ENABLE PFC
R
S
Q
VCC GOOD
VoSTART FB
LOW POWER
EXT PROT
SMPS
CONTROL
START
SOFT
START FB
ENABLE FB
BLANK
Q
R
S
FB
OSC
TON MAX
Freq
Red.
EXT PROT
LOW
POWER
TIME
OUT
FB DRIVER
FB GATE
DRV
12
13
PFC DRIVER
PFC GATE
VINSENSE
PFCCOMP
VOSENSE
PFCSENSE
PFCAUX
OTP
CHARGE
VALLEY
DETECT
OTP
INTERNAL
SUPPLY
ZCS
FB GATE
FBAUX
FBSENSE
COUNTER
OVP
OvpFB
1.12 V
3.5 V
7
6
11
8
9
HV
VCC
16
1
GND
5
3
10
4
FBCTRL
LATCH
80 mV
PFCDRIVER
FBDRIVER
Vstartup
Vth(UVLO)
001aan671
DRV
PROT
ENABLE
FB
80 μA
60 μA
30 μA
60 μA
3.7 V
LOW
POWER
OCP
Freq. Red.
1.25 V
FB
DRIVER
2.5 V
3.5 V
TEMP
100 mV
TIMEOUT
TON MAX
VoSHORT
VUVLO
SAFE
RESTART
PROTECTION
S
S
R
S
OPP
OPP
OPP
MIN
2
EXT PROT
OTP
FBOVP
LATCH RESET
LATCHED
PROTECTION
S
S
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com