Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL4101T Datasheet HTML 1Page - NXP Semiconductors SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
4 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration: SSL4101T (SOT109-1)
SSL4101T
VCC
HV
GND
HVS
FBCTRL
HVS
FBAUX
FBDRIVER
LATCH
PFCDRIVER
PFCCOMP
PFCSENSE
VINSENSE
FBSENSE
PFCAUX
VOSENSE
001aan672
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
FBCTRL
3
control input for flyback
FBAUX
4
input from auxiliary winding for demagnetization timing and
overvoltage protection for flyback
LATCH
5
general purpose protection input
PFCCOMP
6
frequency compensation pin for PFC
VINSENSE
7
sense input for mains voltage
PFCAUX
8
input from auxiliary winding for demagnetization timing for PFC
VOSENSE
9
sense input for PFC output voltage
FBSENSE
10
programmable current sense input for flyback
PFCSENSE
11
programmable current sense input for PFC
PFCDRIVER
12
gate driver output for PFC
FBDRIVER
13
gate driver output for flyback
HVS
14, 15
high voltage safety spacer, not connected
HV
16
high voltage start-up and valley sensing of flyback part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com