Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4101T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors SSL4101T Datasheet HTML 10Page - NXP Semiconductors SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
11 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.2.9 Overvoltage protection (VOSENSE pin)
To prevent output overvoltage during load steps and mains transients, an overvoltage
protection circuit is built in.
As soon as the voltage on the VOSENSE pin exceeds the Vovp(VOSENSE) level, switching
of the power factor correction circuit is inhibited. Switching of the PFC recommences as
soon as the VOSENSE pin voltage drops below the Vovp(VOSENSE) level again.
When the resistor between pin VOSENSE and ground is open, the overvoltage protection
is also triggered.
7.2.10 PFC open loop protection (VOSENSE pin)
The power factor correction circuit does not start switching until the voltage on the
VOSENSE pin is above the Vth(ol)(VOSENSE) level. This protects the circuit from open loop
and VOSENSE short situations.
7.2.11 Driver (PFCDRIVER pin)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically
−500 mA and a current sink capability of typically 1.2 A. This permits fast turn-on
and turn-off of the power MOSFET for efficient operation.
7.3 Flyback controller
The SSL4101T includes a controller for a flyback converter. The flyback converter
operates in quasi-resonant or discontinuous conduction mode with valley switching. The
auxiliary winding of the flyback transformer provides demagnetization detection and
powers the IC after start-up.
7.3.1 Multimode operation
The SSL4101T flyback controller can operate in several modes; see Figure 6.
Fig 6.
Multimode operation flyback
discontinuous
with valley
switching
quasi resonant
PFC off
frequency
reduction
fsw(fb)max
output power
switching frequency
014aaa158
PFC on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com