Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 16Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 17Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 18Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 19Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 20Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 21Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 22Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 23Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
www.ti.com
CLK2
CLK2C
PLLLOCK
IOGND
IOVDD
RESETB
EXTIO
EXTLO
BIASJ
IOUTA1
IOUTA2
IOUTB1
IOUTB2
TxENABLE
DA[15:0]
DB[15:0]
CEXTIO
0.1
µF
RBIAS
1 k
Ω
3.3 V
3.3 V
100
Ω
HP8665B
Synthesized
Signal
Generator
1:4
Mini Circuits
TCM4−1W
200
Ω
0.01
µF
16
Agilent 16702B
Mainframe System
With
16720A Pattern
Generator Card
Rohde & Schwarz
FSQ8
Spectrum
Analyzer
PULSE
FREQ. = fdata
93.1
Ω
0.033
µF
330 pF
Agilent 8133A
Pulse Generator
CLK1
CLK1C
1.8 V/2.1 V
10
Ω
10 pF
3.3 V
16
PULSE
FREQ. = fDAC
Ampl. = 1 VPP
1:4
Mini Circuits
T4−1
3.3 V
3.3 V
100
Ω
3.3 V
Sinusoid
FREQ. = fDAC
B0039-01
3.3 V
DAC5687-EP
SGLS333 – JUNE 2006
Test Methodology (continued)
Figure 27. DAC5687 Test Configuration for External Clock Mode
PLL clock mode was characterized using the test configuration shown in Figure 28. The DAC data rate clock
fDATA is generated by a HP8665B signal generator. An Agilent 8133A pulse generator is used to generate a
clock fDATA for the Agilent 16702A pattern generator clock and provide adjustable skew to the DAC input clock.
The 8133A fDAC output is set to 1 VPP, equivalent to 2-VPP differential at CLK1/CLK1C pins. Alternatively, the
DAC5687 PLLLOCK output can be used for the pattern generator clock.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com